Part Number Hot Search : 
4AK17 TDA7429 DM40LSE APL0200 CF08T STI7162 74HC27 Q6270
Product Description
Full Text Search
 

To Download MMBZ5257B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p age:p 3 - p 1 plastic - encapsulate diodes guangdong hottech industrial co,. ltd. zener diodes fe a tures sot - 23 mmbz52xxb series ? planar die construction  500mw power dissipation  zener voltages from 2.4v - 39v  ideally suited for automated assembly processes notes: a. mounted on 5.0mm2(.013mm thick) land areas. b. measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum. r e t e m a r a p l o b m y s e u l a v s t i n u 5 7 t a ) a s e t o n ( n o i t a p i s s i d r e w o p o c p d 0 0 5 w m f l a h e l g n i s s m 3 . 8 , t n e r r u c e g r u s d r a w r o f k a e p ) b s e t o n ( ) d o h t e m c e d e j ( d a o l d e t a r n o d e s o p m i r e p u s e v a w - e n i s i fsm 0 . 4s p m a e g n a r e r u t a r e p m e t e g a r o t s d n a n o i t c n u j g n i t a r e p o t j 0 5 1 + o t 5 5 - o c
p age:p 3 - p 2 plastic - encapsulate diodes guangdong hottech industrial co,. ltd. electrical characteristics @ ta=25? unless otherwise specified mmbz52xxb series r e b m u n t r a p e g a t l o v r e n e z l a n i m o n e c n a d e p m i r e n e z . x a m e s r e v e r x a m t n e r r u c e g a k a e l . p m e t l a c i p y t t n e i c i f f e o c r e n e z . x a m t n e r r u c v z @i zt z zt @i zt z zk @i zk i r @v r t c i zm t @a v . m o n v . n i m v . x a m ? ? ? ? ? a m ? ? ? ? ? a m a n v a m s e d o i d r e n e z s t t a w m 0 0 5 b 1 2 2 5 z b m m4 . 28 2 . 22 5 . 20 30 20 0 2 15 2 . 00 0 11 0 7 0 . 0 -8 8 1 b 2 2 2 5 z b m m 5 . 2 8 3 . 2 3 6 . 2 0 3 0 2 0 5 2 1 5 2 . 0 0 0 1 1 5 6 0 . 0 - 0 8 1 b 3 2 2 5 z b m m7 . 27 5 . 24 8 . 20 30 20 0 3 15 2 . 05 71 0 6 0 . 0 -7 6 1 b 5 2 2 5 z b m m 3 5 8 . 2 5 1 . 3 0 3 0 2 0 0 6 1 5 2 . 0 0 5 1 5 5 0 . 0 - 0 5 1 b 6 2 2 5 z b m m3 . 34 1 . 37 4 . 38 20 20 0 6 15 2 . 05 21 0 3 0 . 08 3 1 b 7 2 2 5 z b m m 6 . 3 2 4 . 3 8 7 . 3 4 2 0 2 0 0 7 1 5 2 . 0 5 1 1 0 3 0 . 0 6 2 1 b 8 2 2 5 z b m m9 . 31 7 . 31 . 43 20 20 0 9 15 2 . 00 11 8 3 0 . 0 +5 1 1 b 9 2 2 5 z b m m 3 . 4 9 0 . 4 2 5 . 4 2 2 0 2 0 0 0 2 5 2 . 0 5 1 8 3 0 . 0 + 6 0 1 b 0 3 2 5 z b m m7 . 47 4 . 44 9 . 49 10 20 0 9 15 2 . 052 5 4 0 . 0 +7 9 b 1 3 2 5 z b m m 1 . 5 5 8 . 4 6 3 . 5 7 1 0 2 0 0 6 1 5 2 . 0 5 2 0 5 0 . 0 + 9 8 b 2 3 2 5 z b m m6 . 52 3 . 58 8 . 51 10 20 0 6 15 2 . 053 8 5 0 . 0 +1 8 b 4 3 2 5 z b m m 2 . 6 9 8 . 5 1 5 . 6 7 0 2 0 0 0 1 5 2 . 0 5 4 2 6 0 . 0 + 3 7 b 5 3 2 5 z b m m8 . 66 4 . 64 1 . 750 20 5 75 2 . 035 5 6 0 . 0 +7 6 b 6 3 2 5 z b m m 5 . 7 3 1 . 7 8 8 . 7 6 0 2 0 0 5 5 2 . 0 3 6 8 6 0 . 0 + 1 6 b 7 3 2 5 z b m m2 . 89 7 . 71 6 . 880 20 0 55 2 . 036 5 7 0 . 0 +5 5 b 9 3 2 5 z b m m 1 . 9 5 6 . 8 6 5 . 9 0 1 0 2 0 0 6 5 2 . 0 3 5 . 6 6 7 0 . 0 + 0 5 b 0 4 2 5 z b m m0 15 . 95 . 0 17 10 20 0 65 2 . 038 7 7 0 . 0 +5 4 b 1 4 2 5 z b m m 1 1 5 4 . 0 1 5 5 . 1 1 2 2 0 2 0 0 6 5 2 . 0 3 4 . 8 9 7 0 . 0 + 1 4 b 2 4 2 5 z b m m2 14 . 1 16 . 2 10 30 20 0 65 2 . 021 . 92 8 0 . 0 +8 3 b 3 4 2 5 z b m m 3 1 5 3 . 2 1 5 6 . 3 1 3 1 5 . 9 0 0 6 5 2 . 0 1 9 . 9 2 8 0 . 0 + 5 3 b 5 4 2 5 z b m m5 15 2 . 4 15 7 . 5 16 15 . 80 0 65 2 . 05 . 01 13 8 0 . 0 +0 3 b 6 4 2 5 z b m m 6 1 2 . 5 1 8 . 6 1 7 1 8 . 7 0 0 6 5 2 . 0 1 . 0 2 1 4 8 0 . 0 + 8 2 b 8 4 2 5 z b m m8 11 . 7 19 . 8 11 27 0 0 65 2 . 01 . 04 15 8 0 . 0 +5 2 b 0 5 2 5 z b m m 0 2 9 1 1 2 5 2 2 . 6 0 0 6 5 2 . 0 1 . 0 5 1 6 8 0 . 0 + 3 2 b 1 5 2 5 z b m m2 29 . 0 21 . 3 29 26 . 50 0 65 2 . 01 . 07 16 8 0 . 0 +1 2 b 2 5 2 5 z b m m 4 2 8 . 2 2 2 . 5 2 3 3 2 . 5 0 0 6 5 2 . 0 1 . 0 8 1 7 8 0 . 0 + 1 . 9 1 b 4 5 2 5 z b m m7 25 6 . 5 25 3 . 8 21 45 0 0 65 2 . 01 . 01 27 8 0 . 0 +8 . 6 1 b 5 5 2 5 z b m m 8 2 6 . 6 2 4 . 9 2 4 4 5 . 4 0 0 6 5 2 . 0 1 . 0 1 2 9 8 0 . 0 + 2 . 6 1 b 6 5 2 5 z b m m0 35 . 8 25 . 1 39 42 . 40 0 65 2 . 01 . 03 20 9 0 . 0 +1 . 5 1 b 7 5 2 5 z b m m 3 3 5 3 . 1 3 5 6 . 4 3 8 5 8 . 3 0 0 7 5 2 . 0 1 . 0 5 2 1 9 0 . 0 + 8 . 3 1 b 8 5 2 5 z b m m6 32 . 4 38 . 7 30 74 . 30 0 75 2 . 01 . 07 21 9 0 . 0 +6 . 2 1 b 9 5 2 5 z b m m 9 3 5 0 . 7 3 5 9 . 0 4 0 8 2 . 3 0 0 8 5 2 . 0 1 . 0 0 3 2 9 0 . 0 + 6 . 1 1 note: 1.tolerance and type number designation. the type numbers listed have a standard tolerance on the nominal zener voltage of 5%. 2.specials available include: a. nominal zener voltages between the voltages shown and tighter voltage tolerances. b. matched sets. 3.zener voltage (v z ) measurement. guarantees the zener voltage when measured at 90 seconds while maintaining the lead temperature (t l ) at 30 o c, from the diode body. 4. zener impedance (z z ) derivation. the zener impedance is derived from the 60 cycle ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener current (i zt or i zk ) is superimposed on i zt or i zk . 5. surge current (i r ) non-repetitive. the rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge curr ent of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, i zt , per jedec registration; however, actual device capability is as described in figure 5.
p age:p 3 - p 3 plastic - encapsulate diodes guangdong hottech industrial co,. ltd. mmbz52xxb series typical reverse current tempera ture coefficient ,mv / c) o nominal zener voltage, volts -1 0 1 2 3 4 5 6 7 8 12 11 10 9 8 7 6 5 4 3 2 -2 -3 steady state power derating effect of zener voltage on zener impedance 100 10 1 1000 100 10 1 i z =1ma 5ma 20 ma dynamic impedance,  normal zener voltage, volts t j =25 c o i z(ac)=0.1 i f=1 khz z(dc) forward current ,ma typical forward voltage forward voltage, volts 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 1000 100 10 1 75 c o 5c o 25 c o 150 c o typical capacitance 100 1000 100 10 1 10 1 bias at 50% of v z nom 0 v bias 1 v bias capacitance, pf nominal zener voltage, volts t =25 c a o 100 10 1 nominal zener voltage, volts tempera ture coefficient ,mv / c) o 10 100 temperature ( c) o power dissip ation, watts steady state power derating 1.2 1.0 0.8 0.6 0.4 0.2 0 150 125 100 75 50 25 p dv . s .t a 155


▲Up To Search▲   

 
Price & Availability of MMBZ5257B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X